Part Number Hot Search : 
PCK946 NTE303 MC145159 BUZ110S SMCJ24A AON3812 US1881L S1R72U01
Product Description
Full Text Search
 

To Download G32A-A420-VD-2DC12-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solid state relays g3pa 437 solid state relays g3pa extremely thin relays integrated with heat sinks ? downsizing achieved through optimum design of heat sink. ? mounting possible via screws or via din track. ? close mounting possible for linking terminals. (except for g3pa-260b-vd and g3pa-450b-vd-2.) ? applicable with 3-phase loads. ? replaceable power element cartridges. ? complies with vde 0160 (finger protection), with a dielec- tric strength of 4,000 v between input and load. ? complies with vde 0805, iec 950. ? certified by ul, csa, and vde (reinforced insulation). ordering information list of models to order: select the part number and add the rated input voltage range. (e.g., g3pa-430b-vd-2 dc12-24 ) isolation zero cross function indicator rated output load rated input voltage model phototriac coupler yes yes 10 a at 24 to 240 vac 5 to 24 vdc g3pa-210b-vd 20 a at 24 to 240 vac g3pa-220b-vd 40 a at 24 to 240 vac g3pa-240b-vd 60 a at 24 to 240 vac g3pa-260b-vd no 10 a at 24 to 240 vac g3pa-210bl-vd 20 a at 24 to 240 vac g3pa-220bl-vd 40 a at 24 to 240 vac g3pa-240bl-vd 60 a at 24 to 240 vac g3pa-260bl-vd yes 10 a at 24 to 240 vac 24 vac g3pa-210b-vd 20 a at 24 to 240 vac g3pa-220b-vd 40 a at 24 to 240 vac g3pa-240b-vd 60 a at 24 to 240 vac g3pa-260b-vd 20 a at 180 to 400 vac 12 to 24 vdc g3pa-420b-vd 30 a at 180 to 400 vac g3pa-430b-vd 20 a at 200 to 480 vac g3pa-420b-vd-2 30 a at 200 to 480 vac g3pa-430b-vd-2 50 a at 200 to 480 vac g3pa-450b-vd-2
438 solid state relays g3pa replacement parts specifications ratings (at an ambient temperature of 25 c) input output refer to engineering data for further details. name carry current load voltage range applicable ssr model vde certification power device cartridge 10 a 19 to 264 vac g3pa-210b-vd dc5-24 g32a-a10-vd dc5-24 ye s g3pa-210bl-vd dc5-24 g32a-a10l-vd dc5-24 g3pa-210b-vd ac24 g32a-a10-vd ac24 20 a g3pa-220b-vd dc5-24 g32a-a20-vd dc5-24 g3pa-220bl-vd dc5-24 g32a-a20l-vd dc5-24 g3pa-220b-vd ac24 g32a-a20-vd ac24 40 a g3pa-240b-vd dc5-24 g32a-a40-vd dc5-24 g3pa-240bl-vd dc5-24 g32a-a40l-vd dc5-24 g3pa-240b-vd ac24 g32a-a40-vd ac24 60 a g3pa-260b-vd dc5-24 g32a-a60-vd dc5-24 g3pa-260bl-vd dc5-24 g32a-a60l-vd dc5-24 g3pa-260b-vd ac24 g32a-a60-vd ac24 20 a 150 to 440 vac g3pa-420b-vd dc12-24 g32a-a420-vd dc12-24 30 a g3pa-430b-vd dc12-24 g32a-a430-vd dc12-24 20 a 180 to 528 vac g3pa-420b-vd-2 dc12-24 g32a-a420-vd-2 dc12-24 30 a g3pa-430b-vd-2 dc12-24 g32a-a430-vd-2 dc12-24 50 a g3pa-450b-vd-2 dc12-24 g32a-a450-vd-2 dc12-24 model rated voltage operating voltage range input current impedance voltage level must operate voltage must release voltage g3pa-2 ?? b-vd 5 to 24 vdc 4 to 30 vdc 7 ma max. 4 vdc max. 1 vdc min. g3pa-2 ?? bl-vd 20 ma max. g3pa-2 ?? b-vd 24 vac 19.2 to 26.4 vac 1.4 k ? 20% 19.2 vac max. 4.8 vac min. g3pa-4 ?? b-vd(-2) 12 to 24 vdc 9.6 to 30 vdc 7 ma max. 9.2 vdc max. 1 vdc min. model applicable load rated load voltage load voltage range load current inrush current g3pa-210b(l)-vd 24 to 240 vac (50/60 hz) 19 to 264 vac (50/60 hz) 0.1 to 10 a 150 a (60 hz, 1 cycle) g3pa-220b(l)-vd 0.1 to 20 a 220 a (60 hz, 1 cycle) g3pa-240b(l)-vd 0.5 to 40 a 440 a (60 hz, 1 cycle) g3pa-260b(l)-vd 0.5 to 60 a 440 a (60 hz, 1 cycle) g3pa-420b-vd 180 to 400 vac (50/60 hz) 150 to 440 vac (50/60 hz) 0.5 to 20 a 220 a (60 hz, 1 cycle) g3pa-430b-vd 0.5 to 30 a 440 a (60 hz, 1 cycle) g3pa-420b-vd-2 200 to 480 vac (50/60 hz) 180 to 528 vac (50/60 hz) 0.5 to 20 a 220 a (60 hz, 1 cycle) g3pa-430b-vd-2 0.5 to 30 a 440 a (60 hz, 1 cycle) g3pa-450b-vd-2 0.5 to 50 a 440 a (60 hz, 1 cycle)
solid state relays g3pa 439 characteristics item g3pa- 210b(l)-vd g3pa- 220b(l)-vd g3pa- 240b(l)-vd g3pa- 260b(l)-vd g3pa- 420b-vd g3pa- 420b-vd-2 g3pa- 430b-vd g3pa- 430b-vd-2 g3pa- 450b-vd-2 operate time 1/2 of load power source cy cle + 1 ms max. (dc input, -b models) 1 1/2 of load power source cycle + 1 ms max. (ac input) 1 ms max. (-bl models) release time 1/2 of load power sour ce cycle + 1 ms max. (dc input) 1 1/2 of load power source cycle + 1 ms max. (ac input) output on voltage drop 1.6 v (rms) max. 1.8 v (rms) max. leakage current 5 ma max. (at 100 vac) 10 ma max. (at 200 vac) 10 ma max. (at 100 vac) 20 ma max. (at 200 vac) 20 ma max. (at 400 vac) 20 ma max. (at 480 vac) 20 ma max. (at 400 vac) 20 ma max. (at 480 vac) i 2 t 260 a 2 s 1,260 a 2 s 260 a 2 s 1,800 a 2 s 1,800 a 2 s 1,800 a 2 s insulation resistance 100 m min. (at 500 vdc) dielectric strength 4,000 vac, 50/60 hz for 1 min vibration resistance malfunction: 10 to 55, 0.75?mm double amplitude (mounted to din track) shock resistance malfunction: 300 m/s 2 (mounted to din track) ambient temperature operating:?30 c to 80 c (with no icing or condensation) storage:?30 c to 100 c (with no icing or condensation) certified standards ul, csa, en60950 file no. 5915g ul, csa , en60947- 4-3 file no. 6642g ul, csa, en60947-4-3 file no. 133127g ul, csa, en60947- 4-3 file no. 6642g ul, csa, en60947-4-3 file no. 133127g ambient humidity operating: 45% to 85% weight approx. 260 g approx. 340 g approx. 460 g approx. 900 g approx. 290 g approx. 290 g approx. 410 g approx. 410 g approx. 900 g
440 solid state relays g3pa operation replacement parts g32a-a power device cartridge the g32a-a power device cartridge (a triac unit) can be repl aced with a new one. when the temperature indicator has changed fro m pink to red, the triac circuitry may have malfunctioned possibly by an excessive flow of current, in which case, dismount the damaged cartri dge for replacement. the damaged cartridge can be replaced with a new one without disconnecting the wires from the g3pa. improve the heat radiation efficiency of the g3pa before replacing the cartridge. the g32a-a power device cartridge can withstand an excessive curr ent for a short period of time, such as may be caused accident ally by the short circuitry of the load, in which case the temperature indicator will not turn red. be sure to turn off the power supply when replacing the cartri dge. supplying power with the cartridge removed may result in mal function. appearance replacing power device cartridges when replacing power device cartridges, use the specified model . using a power device cartridge other than the specified one wi ll result in faulty operation and destruction of the elements. g 32a-a10(l)-vd g 32a-a20(l)-vd g 32a-a40(l)-vd g 32a-a60(l)-vd g 32a-a420-vd(-2) g 32a-a430-vd(-2) g 32a-a450-vd-2
solid state relays g3pa 441 replacement procedure g32a-a10(l)-vd/g32a-a20 (l)-vd/g32-a420-vd(-2) use the special tool (provided) to extract the cartridge for replacement with a new one. extraction follow the procedures below to re move the power device cartridge from the g3pa. 1. switch off the power . 2. remove the terminal cover. 3. hook the indented part of the cartridge with the tool (supplied with a new cartridge) and pull up on the cartridge to remove it. installation follow the procedures below to install the power device cartridge on the g3pa. 1. apply silicone grease (provided with the g32a-a) to the entire surface of the heat sink. 2. make sure that there is no dust or pieces of wire on the heat sink of the g32a-a or the g3pa. 3. insert the cartridge into the opening of the g3pa so that the let- ters on the cartridge and those on the g3pa are in the same direction and side a and side b are even. 4. attach the terminal cover. 5. switch on the power and check the g3pa to be sure it works properly. g32a-a40(l)-vd/g32a-a60(l)-vd/g3 2a-a430-vd(-2)/g32a-a450-vd-2 the g32a power device cartridge is mounted and secured with screws to the g3pa unit. extraction follow the procedures below to remove the g32a-a power device cartridge from the g3pa. 1. switch off the power . 2. remove the terminal cover. 3. loosen the two centered screws on the sides to dismount the car- tridge. the screws are conn ected to terminals 1 and 2. 4. loosen the screws on both the corners. 5. hold the indented part of both the corners to remove the cartridge. installation follow the procedures below to install the power device cartridge on the g3pa. 1. apply silicone grease to the enti re surface of the heat sink. 2. make sure that there is no dust or pieces of wire on the heat sink of the g32a-a or the g3pa. remover hook here with remover. apply silicone g rease here. side a side b loosen loosen loosen loosen apply silicone g rease here.
442 solid state relays g3pa 3. insert the cartridge into the opening of the g3pa so that side a and side b are even. 4. tighten the screws on both the co rners with a tightening torque of 0.59 to 0.78 n ? m. 5. tighten the screws on both the sides with a tightening torque of 0.59 to 0.78 n ? m. 6. attach the terminal cover. 7. switch on the power and check the g3pa to be sure it works properly. linking terminal connection ? connecting with linking terminal for g3pa-210b(l)-vd, -220b(l)- vd, -240b(l)-vd and g3pa-420b-vd(-2), g3pa-430b-vd(-2). ? connecting with linking terminal to ?g32a-d? series short circuit unit. (order short circ uit units seperately.) side b side a ssr1 ssr2 ssr1 ssr2 1. when ssrs are close mounted, loosen the m3.5 sems screw and flip the linkin g terminal down. 2. insert the linkin g terminal securely into the center of the screw and ti g hten the screw. * ssr g32a unit ssr g32a unit * the cover will not fit if the terminal protrudes. 1. when ssr are close mounted, loosen the m3.5 sems screw on the g32a and flip the linkin g terminal down. 2. insert the linkin g terminal securely into the center of the screw and ti g hten the screw. ensure that the linkin g terminal does not protrude. linkin g terminal linkin g terminal connect the terminal with power off. g3pa-420b-vd refer to the instruction manual for the g32a-a power device cartrid g e to replace the g3pa's triac part. when the temperature indicator has turned from pink to red, the g32-a-a power device cartrid g e may have malfunctioned, in which case the cartrid g e must be replaced with a new one. use the terminal cover to prevent accidents due to electric shock. linkin g terminal linkin g terminal
solid state relays g3pa 443 engineering data load current vs. ambient temperature note: close mounting is possible for a maximum of three units by reducing the load current by 20%. (a minimum clearance of 10 mm must be provided when mounting four or more units.) 25 15 40 60 80 100 20 0 -20 -30 60 40 25 20 80 panel ground ambient temperature ( c) ambient temperature ( c) ambient temperature ( c) load current (a) load current (a) load current (a) verti c al mounting g 3pa-240b(l)-vd g 3pa-260b(l)-vd g3pa-220b(l)-vd g3pa-210b(l)-vd g 3pa-210b(l)-vd, g 3pa-220b(l)-vd ambient temperature ( c) ambient temperature ( c) load current (a) load current (a) g 3pa-430b-vd, g 3pa-430b-vd-2 g 3pa-420b-vd, g 3pa-420b-vd-2 g 3pa-450b-vd-2 ambient temperature ( c) load current (a)
444 solid state relays g3pa input voltage vs. input current g 3pa-2 @ 0b-vd input current (ma) input volta g e (v) input current (ma) input volta g e (v) g 3pa-4 @0 -vd, g 3pa-4 @ -vd-2 40 20 10 8 6 4 2 1 0.1 0.2 0.4 0.6 0.8 1 2 4 6 8 input impedance input current ta = 25 c 40 20 10 8 6 4 2 1 0.1 0.2 0.4 2 4 6 8 10 1 0.6 0.8 input impedance input current t = 25 c input impedance (k  ) input impedance (k  ) 40 60 80 10 0 20 0 ? 20 ? 30 60 40 42 20 3.5 11 28 15 11 14 18 20 10 5 5.5 10 7 panel ground horizontal mounting ambient temperature ( c) ambient temperature ( c) ambient temperature ( c) load current (a) load current (a) load current (a) g 3pa-240b(l)-vd g 3pa-260b(l)-vd g3pa-220b(l)-vd g 3pa-210b(l)-vd, g 3pa-220b(l)-vd g3pa-210b(l)-vd ambient temperature ( c) load current (a) g3pa-430b-vd g3pa-420b-vd g 3pa-450b-vd-2 ambient temperature ( c) load current (a) g 3pa-420b-vd, g 3pa-430b-vd g 3pa-420b -vd-2, g 3pa-430b-vd-2
solid state relays g3pa 445 40 30 24 20 10 ? 30 10 30 80 30 20 16 10 ? 30 10 30 80 100 40 60 80 100 20 0 -20 -30 64 40 48 20 18 4.5 36 15 13 20 30 5 7 40 45 30 20 10 14 9 27 ambient temperature ( c) g 3pa-430b-vd, g 3pa-430b-vd-2 load current (a) ambient temperature ( c) load current (a) g 3pa-420b-vd, g 3pa-420b-vd-2 din track panel ground close mounting (up to three) ambient temperature ( c) ambient temperature ( c) ambient temperature ( c) load current (a) load current (a) load current (a) g 3pa-240b(l)-vd g 3pa-260b(l)-vd g3pa-220b-vd g3pa-210b-vd g 3pa-210b(l)-vd, g 3pa-220b(l)-vd g 3pa-450b-vd-2 ambient temperature ( c) load current (a)
446 solid state relays g3pa inrush current resistivity one cycle, non-repetitive (keep the inrush current to half the rated value if it occurs repetitively.) g 3pa-210b(l)-vd g 3pa-220b(l)-vd, g 3pa-420b-vd, g 3pa-420b-vd-2 g 3pa-240b(l)-vd/260b(l)-vd, g 3pa-430b-vd, g 3pa-430b-vd-2, g 3pa-450b-vd-2 inrush current (a. peak) ener g ized time (ms) inrush current (a. peak) ener g ized time (ms) inrush current (a. peak) ener g ized time (ms)
solid state relays g3pa 447 dimensions note: all units are in millimeter s unless otherwise indicated. two, 4.5 dia. or m4 holes 4.6 dia. tw o, m 4 100 max. g 3pa-210b(l)-vd mounting holes without terminal cover with terminal cover linkin g terminal b1 linkin g terminal b2 tw o, m3.5 4.6 x 5.6 elliptical hole terminal arrangement/ internal conne c tions tr i gg er circuit input circuit two, 4.5 dia. or m4 holes 4.6 dia. tw o, m 4 100 max. g 3pa-220b(l)-vd mounting holes without terminal cover with terminal cover linkin g terminal b1 tw o, m3.5 linkin g terminal b2 4.6 x 5.6 elliptical hole terminal arrangement/ internal conne c tions tr i gg er circuit input circuit 4.6 dia. tw o, m 5 100 max. two, 4.5 dia. or m4 holes g 3pa-240b(l)-vd mounting holes without terminal cover with terminal cover linkin g terminal b1 tw o, m3.5 linkin g terminal b2 4.6 x 5.6 elliptical hole terminal arrangement/ internal conne c tions tr i gg er circuit input circuit
448 solid state relays g3pa two, 4.5 dia. or m4 holes 4.6 dia. tw o, m 5 100 max. two, m3.5 110 max. mounting holes with terminal cover without terminal cover g 3pa-260b(l)-vd g 3pa-450b-vd-2 4.6 x 5.6 elliptical hole terminal arrangement/ internal conne c tions tr i gg er circuit input circuit 4.5 7.6 2.2 8.8 13.2 8.6 90 0.2 25 0.2 90 0.3 90 91 67 38 80 two, m4 two, m3.5 4.6 dia. 37 max. 4.5 x 5.6 elliptic hole 100 max. g 3pa-420b-vd, g 3pa-420b-vd-2 mounting holes terminal arrangement/ internal conne c tions tr i gg er circuit input circuit 100 max. linkin g terminal ? b2 linkin g terminal +b1 two, 4.5 dia. or m4 without terminal cover with terminal cover 89 91 4.5 13 18 13 7.6 35 0.2 35 0.3 90 0.3 67 38 80 90 0.2 4.6 dia. 100 max. 47 max. 4.6 x 5.6 elliptic hole g 3pa-430b-vd, g 3pa-430b-vd-2 mounting holes two, 4.5 dia. or m4 two, m5 terminal arrangement/ internal conne c tions tr i gg er circuit input circuit linkin g terminal +b1 linkin g terminal ? b2 100 max. without terminal cover with terminal cover
solid state relays g3pa 449 safety precautions precautions for correct use please observe the following precaut ions to prevent failure to oper- ate, malfunction, or undesirable effect on product performance. load connection for an ac load, use a power supply rated at 50 or 60 hz. the maximum operating frequency is 10 hz. the g3pa-(vd) has a built-in varistor for overvoltage protection. at a low applied voltage, such as 24 vac, the load current is not fully supplied. when the unit is switched on, the voltage required to power the unit deprives the output signal of the necessary voltage level and thus creates loss time. the lower the load voltage is, the greater the loss time is. this condi tion, however, will not create any serious problems. for a dc or l load, a diode shoul d be connected in parallel the load to absorb the counter electromotive force of the load. noise terminal voltage according to en55011 the g3pa-(vd) complies with en55011 standards when a capacitor is connected to the load power suppl y as shown in the following cir- cuit diagram. recommended capacitor: 1 f, 250 vac mounting when attaching a heat sink to the g3pa-(vd), in order to facilitate heat dissipation, apply silicone grease or equivalent heat- conductive grease on the heat sink. (toshiba silicone , shinetsu silicone, etc.) tighten the mounting screws of the heat sink with a torque of 0.78 to 0.98 n ? m. loss time ssr input load load power supply g3pa-(vd) output load input din track g3pa g3pa panel din track panel the rated ambient temperature is 40 c. (30 c for 400 v.) vertical mountin g close mountin g horizontal mountin g ? screw or din track mountin g is possible. ? vertical mountin g should usually be used. ? close mountin g is also possible. ? close mountin g is possible for up to 3 g3pa ssrs. (if there are 4 or more ssrs, mount at intervals of 10 mm min.) reduce the load current by 10% for g3pa-210b-vd, -220b-vd, -240b-vd and by 20% for g3pa-260b-vd, - 420b-vd(-2), -430b-vd(-2), -450b-vd-2. ? leave a distance of 80 mm ? with vertical mountin g , reduce the load current by 30%. (refer to the load current vs. ambient temperature g raph.) 80 mm note: leave a distance of 60 mm min. between ssrs and ducts (especially above the ssr). ? ? ? vertical vertical vertical
450 solid state relays g3pa close mounting ssr mounting pitch panel mounting (at a rated ambient temperature of 40 c). relationship between ssrs and ducts ventilation if the air inlet or air outlet has a filt er, clean the filter regularly to pre- vent it from clogging and ensur e an efficient flow of air. do not locate any objects around the air inlet or air outlet, otherwise the objects may obstruct the proper ventilation of the control panel. a heat exchanger, if used, should be located in front of the ssr units to ensure the efficiency of the heat exchanger. please reduce the ambient temperature of ssrs. the rated load current of an ssr is measured at an ambient temperature of 25 or 40 c. an ssr uses a semiconductor in the output element. this causes the temperature inside the control panel to increase due to heating resulting from the passage of electr ical current through the load. to restrict heating, attach a fan to the ventilation outlet or air inlet of the control panel to ventilate the panel. this will reduce the ambient tem- perature of the ssrs and thus incr ease reliability. (generally, each 10 c reduction in temperature wi ll double the expected life.) example: for 10 ssrs with load currents of 20 a, 0.31 x 10 = 3.1 thus, 4 fans would be required. size of fans: 92 mm 2 , air volume: 0.7 m 3 /min, ambient temperature of control panel: 30 c if there are instruments that generate heat in the control panel other than ssrs, additional ventilation will be required. ssr between duct or airflow obstruction and ssr 60 mm min. mountin g direction vertical direction space between ssrs 30 mm min. 80 mm min. min. close mountin g duct or airflow obstruction g3pa g3pa g3pa mountin g surface mountin g surface mountin g surface duct or airflow obstruction duct or airflow obstruction vertical direction airflow (a hei g ht of no more than half the ssr's hei g ht is recommended.) du c t height if the ducts cannot be shortened, place the ssr on a metal base so that it is not surrounded by the ducts. use short ducts. do not surround the ssr with ducts, otherwise the heat radiation of the ssr will be adversely affected. countermeasure (1) countermeasure (2) 50 mm max. g3pa g3pa g3pa air inlet be aware of air flow duct or air flow obstruction ventilation outlet load current (a) 10 a 20 a 30 a 40 a 60 a required number of fans per ssr 0.16 0.31 0.47 0.62 0.93
solid state relays g3pa complete ?terms and conditions of sale? for product purchase and use are on omron?s website at http://www.components.omron.com ? under the ?about us? tab, in the legal matters section. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.0393 7. to convert grams into ounces, multiply by 0.03527.
14 r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n ty , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , machin e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : ? o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . ? n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . ? s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c ts a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a perfor m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n ? s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2010 . 1 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 1 0 a l l r i g h t r e s e r v e d .
cat. no. j26i-e-01 06/09 note: specifcations are subject to change. ? 2010 omron electronics llc omron canada, inc. ? head office toronto, on, canada ? 416.286.6465 ? 866.986.6766 www.omron247.com omron eletr?nica do brasil ltda ? head office s?o paulo, sp, brasil ? 55.11.2101.6300 ? www.omron.com.br omron electronics mexico sa de cv ? head office apodaca, n.l. ? 52.811.156.99.10 ? 001.800.556.6766 ? mela@omron.com omron argentina ? sales office cono sur ? 54.11.4783.5300 omron chile ? sales office santiago ? 56.9.9917.3920 other omron latin america sales 54.11.4783.5300 omron electronics llc ? the americas headquarters ? schaumburg, il usa ? 847.843.7900 ? 800.556.6766 ? www.omron247.com o mron e uro p e b.v. wegalaan 67-69, nl-2132 jd, hoofddorp, the netherlands. tel: +31 (0) 23 568 13 00 fax: +31 (0) 23 568 13 88 www.industrial.omron.eu


▲Up To Search▲   

 
Price & Availability of G32A-A420-VD-2DC12-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X